PART |
Description |
Maker |
TR2/6125FA5A TR2/6125FA2A TR2/6125FA10A TR2/6125FA |
FUSE BRICK 5A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 2A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 10A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 3.5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
0272.002V |
Fuse 0.2A 125V SUBMINIATURE
|
Littelfuse, Inc.
|
PIC16LC773-20I/P PIC16C773-20I/PT PIC16C773-20I/JW |
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D 28/40-Pin位CMOS微控制器瓦特/ 12位A / D转换 FUSE MGA 125V 500MA
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
OM1915NTM OM1912NTM OM1905STM OM1915STM OM1912STM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A5V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A15V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A12V,三端精密型固定负电压稳压器)
|
International Rectifier List of Unclassifed Manufacturers
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
|